Part Number Hot Search : 
2058D SK1119 6SMB20 1N446 F1101 BC141 C3510 MCJ16
Product Description
Full Text Search
 

To Download F60B150DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2001 fairchild semiconductor corporation ffpF60B150DS rev. a, march 2001 damper + modulation diode absolute maximum ratings (modulation) t c =25 c unless otherwise noted absolute maximum ratings (damper) t c =25 c unless otherwise noted thermal characteristics symbol parameter value units v rrm peak repetitive reverse voltage 600 v i f(av) average rectified forward current @ t c = 100 c20 a i fsm non-repetitive peak surge current 60hz single half-sine wave 120 a t j, t stg operating junction and storage temperature - 65 to +150 c symbol parameter value units v rrm peak repetitive reverse voltage 1500 v i f(av) average rectified forward current @ t c = 100 c6 a i fsm non-repetitive peak surge current 60hz single half-sine wave 60 a t j, t stg operating junction and storage temperature - 65 to +150 c symbol parameter value units r jc maximum thermal resistance, junction to case 3.3 c/w ffpF60B150DS features ? high voltage and high reliability ? high speed switching modulation diode / damper diode ? low conduction loss modulation diode / damper diode applications ? (modulation + damper) diode designed for horizontal deflection circuits in c-tvs & monitors damper modulation to-220f 1 2 3
?2001 fairchild semiconductor corporation rev. a, march 2001 ffpF60B150DS electrical characteristics*(modulation) t c =25 c unless otherwise noted * pulse test: pulse width=300 s, duty cycle = 2% electrical characteristics*(damper) t c =25 c unless otherwise noted * pulse test: pulse width=300 s, duty cycle = 2% symbol parameter min. typ. max. units v fm maximum instantaneous forward voltage i f = 20a i f = 20a t c = 25 c t c = 100 c 2.2 2.0 v i rm maximum instantaneous reverse current @ rated v r t c = 25 c t c = 100 c 10 100 a t rr i rr q rr maximum reverse recovery time maximum reverse recovery current maximum reverse recovery charge (i f =20a, di/dt = 200a/ s) 90 8 360 ns a nc symbol parameter min typ max units v fm maximum instantaneous forward voltage i f = 6a i f = 6a t c = 25 c t c = 100 c 1.6 1.4 v i rm maximum instantaneous reverse current @ rated v r t c = 25 c t c = 100 c 7 60 a t rr maximum reverse recovery time (i f =1.0a, di/dt = 50a/ s) 170 ns t fr maximum forward recovery time (i f =6.5a, di/dt = 50a/ s) 350 ns v frm maximum forward recovery voltage 17 v
?2001 fairchild semiconductor corporation rev. a, march 2001 ffpF60B150DS typical characteristics figure 1. typical forward characteristics (modulation diode) figure 3. typical reverse current vs. reverse voltage (modulation diode) figure 5. typical junction capacitance (modulation diode) figure 2. typical forward characteristics (damper diode) figure 4. typical reverse current vs. reverse voltage (damper diode) figure 6. typical junction capacitance (damper diode) 0.1 1 10 40 0.0 0.5 1.0 1.5 2.0 2.5 3.0 t c = 25 o c t c = 100 o c forward voltage , v f [v] forward current , i f [a] 100 200 300 400 500 600 0.001 0.01 0.1 1 10 100 1000 t c = 100 o c t c = 25 o c reverse current , i r [ua] reverse voltage , v r [v] 0.1 1 10 100 1 50 100 150 200 typical capacitance at 0v = 178 pf capacitance , cj [pf] reverse voltage , v r [v] 0.1 1 10 50 0.0 0.4 0.8 1.2 1.6 2.0 t j = 25 o c t j = 125 o c forward voltage , v f [v] forward current , i f [a] 0 300 600 900 1200 1500 0.001 0.01 0.1 1 10 100 t j = 100 o c t j = 125 o c t j = 25 o c reverse current , i r [ a] reverse voltage , v r [v] 0.1 1 10 100 0 20 40 60 80 100 120 typical capacitance at 0v = 100 pf capacitance , cj [pf] reverse voltage , v r [v]
?2001 fairchild semiconductor corporation rev. a, march 2001 ffpF60B150DS typical characteristics figure 7. typical reverse recovery time vs. di/dt (modulation diode) figure 9. typical reverse recovery current vs. di/dt (modulation diode) figure 11. forward current derating curve (modulation diode) figure 8. typical reverse recovery time vs. di/dt (damper diode) figure 10. forward current derating curve (damper diode) 100 500 40 50 60 70 80 90 100 i f = 20a t c = 25 o c reverse recovery time , t rr [ns] di/dt [a/us] 100 500 0 2 4 6 8 10 12 14 16 i f = 20a t c = 25 o c reverse recovery current , i rr [a] di/dt [a/us] 60 80 100 120 140 160 0 5 10 15 20 25 30 dc average forward current , i f(av) [a] case temperature , t c [ o c] 12345678910 0 100 200 300 400 di/dt = 100a/ s di/dt = 50a/ s reverse recovery time , t rr [ns] forward current , i f [a] 80 100 120 140 160 0 1 2 3 4 5 6 7 8 9 10 dc average forward current , i f(av) [a] case temperature , t c [ o c]
?2001 fairchild semiconductor corporation rev. a, march 2001 ffpF60B150DS package dimensions dimensions in millimeters to-220f (7.00) (0.70) max1.47 (30 ) #1 3.30 0.10 15.80 0.20 15.87 0.20 6.68 0.20 9.75 0.30 4.70 0.20 10.16 0.20 (1.00x45 ) 2.54 0.20 0.80 0.10 9.40 0.20 2.76 0.20 0.35 0.10 ?.18 0.10 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] 0.50 +0.10 ?.05
?2001 fairchild semiconductor corporation rev. h1 trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. acex? bottomless? coolfet? crossvolt? densetrench? dome? ecospark? e 2 cmos? ensigna? fact? fact quiet series? fast ? fastr? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? microwire? optologic? optoplanar? pacman ? pop? powertrench ? qfet? qs? qt optoelectronics? quiet series? slient switcher ? smart start? star* power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? ultrafet ? vcx?


▲Up To Search▲   

 
Price & Availability of F60B150DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X